PART |
Description |
Maker |
C8051F131 |
100 MIPS, 128 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
|
SILABS[Silicon Laboratories]
|
C8051F132 |
100 MIPS, 64 kB Flash, 10-Bit ADC, 100-Pin Mixed-Signal MCU
|
SILABS[Silicon Laboratories]
|
ATTINY2313 ATTINY2313-24SJ |
8-BIT, FLASH, 24 MHz, RISC MICROCONTROLLER, PDSO20 0.300 INCH, LEAD FREE, PLASTIC, MS-013AC, SOIC-20 2K Bytes of In-System Self-Programmable Flash, 128 Bytes In-System Programmable EEPROM, 128 Bytes Internal SRAM. USI--Universal Serial Interface, Full Duplex UART. debugWIRE for on-chip-debug. Up to 16 MIPS throughput at 16 MHz.
|
Atmel, Corp.
|
C8051F044 C8051F044-GQ |
25 MIPS, 64 KB FLASH, 10-BIT ADC, 100-PIN MIXED-SIGNAL MCU
|
SILABS[Silicon Laboratories]
|
C8051F020 |
25 MIPS, 64 kB Flash, 12-Bit ADC, 100-Pin Mixed-Signal MCU
|
SILABS[Silicon Laboratories]
|
AM28F010A AM28F010A-120EC AM28F010A-120ECB AM28F01 |
1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt/ Bulk Erase Flash Memory with Embedded Algorithms 0.5MM, ZIF, SMT, 42 POSITION, EMBOSS TAPE T&R RoHS Compliant: Yes CAP 100PF 1500V 20% NP0(C0G) SMD-1808 TR-13 PLATED-NI/SN 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 1兆位128亩8位)的CMOS 12.0伏,整体擦除闪存的嵌入式记忆算法 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 1兆位128亩8位)CMOS 12.0伏,整体擦除闪存的嵌入式记忆算法 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 1兆位28亩8位)的CMOS 12.0伏,整体擦除闪存的嵌入式记忆算法 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 128K X 8 FLASH 12V PROM, 200 ns, PQCC32 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 128K X 8 FLASH 12V PROM, 70 ns, PQCC32 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 128K X 8 FLASH 12V PROM, 120 ns, PDSO32 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 128K X 8 FLASH 12V PROM, 90 ns, PQCC32 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 128K X 8 FLASH 12V PROM, 150 ns, PDSO32 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 128K X 8 FLASH 12V PROM, 70 ns, PDSO32
|
Advanced Micro Devices, Inc. SPANSION LLC ADVANCED MICRO DEVICES INC
|
S29PL127N65GAWW02 S29PL127N65GAW003 S29PL127N65GAI |
256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory 8M X 16 FLASH 3V PROM, 65 ns, PBGA64 256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory 256/128/128字节6/8/8 M中的x 16位).0伏的CMOS只同步读/写,页模式闪 256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory 8M X 16 FLASH 3V PROM, 70 ns, PBGA64 256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory 16M X 16 FLASH 3V PROM, 70 ns, PBGA84 256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory 16M X 16 FLASH 3V PROM, 65 ns, PBGA84
|
Spansion, Inc. Spansion Inc. SPANSION LLC
|
AMD29F010B AM29F010B AMD29F010B-120EC AMD29F010B-1 |
From old datasheet system 1 Mbit (128 K x 8-Bit) 1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
|
AMD[Advanced Micro Devices] AMD Inc
|
C8051F350 |
50 MIPS / 8 Kb Flash / 24 Bit ADC MCU
|
Silicon Laboratories
|
P89LPC901 P89LPC901FD P89LPC901FN P89LPC902 P89LPC |
8-bit microcontrollers with two-clock 80C51 core 1 kB 3 V Flash with 128-byte RAM 8-BIT, FLASH, 18 MHz, MICROCONTROLLER, PDSO8
|
NXP Semiconductors N.V.
|
AM29F200AB-150EEB AM29F200AB-70FC AM29F200AB-90SEB |
2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 128K X 16 FLASH 5V PROM, 70 ns, PDSO48 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 2兆位256亩x 8-Bit/128亩x 16位).0伏的CMOS只,引导扇区闪存 Dual Retriggerable Monostable Multivibrators 16-SSOP -40 to 85 128K X 16 FLASH 5V PROM, 120 ns, PDSO48 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 256K X 8 FLASH 5V PROM, 120 ns, PDSO48 Dual Retriggerable Monostable Multivibrators 16-SOIC -40 to 85 2兆位56亩x 8-Bit/128亩x 16位).0伏的CMOS只,引导扇区闪存
|
Advanced Micro Devices, Inc. http://
|
AM29LV001BT-45RFCB AM29LV001BT-45RFIB AM29LV001BT- |
1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 128K X 8 FLASH 3V PROM, 90 ns, PDSO32 1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 128K X 8 FLASH 3V PROM, 70 ns, PDSO32 1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 128K X 8 FLASH 3V PROM, 55 ns, PDSO32 1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 128K X 8 FLASH 3V PROM, 70 ns, PQCC32 1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 128K X 8 FLASH 3V PROM, 45 ns, PDSO32 1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 128K X 8 FLASH 3V PROM, 90 ns, PQCC32 1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 128K X 8 FLASH 3V PROM, 55 ns, PQCC32 1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 1兆位28亩8位)的CMOS 3.0伏,只引导扇区闪 1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 1兆位128亩8位)的CMOS 3.0伏,只引导扇区闪
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
|